Part Number Hot Search : 
53120 P202K UPG2009 AK8855 UF30M T04CO 1212S NSC5136D
Product Description
Full Text Search
 

To Download ACPM-7813 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent ACPM-7813 CDMA/AMPS Power Amplifier
Preliminary Data Sheet
Features * Operating frequency: 824 - 849 MHz * 28.5 dBm linear output power @ 3.4 V * High efficiency: 40% PAE * Very low quiescent current with single control voltage or * Dynamic bias control Description The ACPM-7813 is a fully matched CDMA Power amplifier module. Designed around Agilent Technologies' new Enhancement Mode pHEMT process, the ACPM-7813 offers premium performance in a very small form factor. Fully matched to 50 Ohms on the input and output. The amplifier has excellent ACPR and efficiency performance at max Pout and low quiescent current with a single bias control voltage. For even lower quiescent current, a dynamic bias control circuit can be used; Vcntl = 1.2V to 2.5V. Designed in a surface mount RF package, the ACPM-7813 is cost and size competitive. The ACPM-7813 is another key component of the Agilent CDMAdvantage RF chipset. * Internal 50 ohm matching networks for both RF IN/OUT * 3.2 - 4.2V linear operation * cdma2000 1xRTT capable * Only 3 SMT parts needed * 4.0 x 4.0 x 1.1 mm SMT package
Applications * CDMA handsets * Datacards * PDAs
Vdd1
Vdd3
Vdd2
Bias Circuit Power Input Match On Chip Inter-stage Match Passive Output Match
Input
Output
Vcntl
Single control bias setting for low Idq and 40%PAE at Pout = 28.5 dBm
Preliminary Product Disclaimer This preliminary data sheet is provided to assist you in evaluating this product that is under development. Until Agilent Technologies releases this product for general sale, Agilent reserves the right to alter prices, specifications, features, capabilities, function, manufacturing release dates, and even general availability of the product at any time.
Maximum Ratings [1] Parameter
Vdd Supply Voltage Power Dissipation [2, 3] Bias Current Control Voltage (Vcntl) Amplifier Input RF Power Junction Temperature Storage Temperature (case temperature) -30C
Min.
Max.
5.0 V 2.5 W 1.5 A 3.0 V 10 dBm +150C +100C Recommended operating range of Vdd = 3.2 to 4.2 V, Ta = -30 to +85C Thermal Resistance[2] jc = TBDC/W
Notes: 1. Operation of this device in excess of any of these limits may cause permanent damage. 2. Tcase = 25C 3. Derate at TBD mW/C for Tcase >85C
Package Marking and Dimensions
Gnd (Pin 10) Gnd Vdd3 (Pin 1) Vcntl Gnd RFin Gnd Vdd1
ACPM-7813
RFout
YYWWDD
Gnd Vdd2
4.0 mm (sq)
1.1 mm
Preliminary Product Disclaimer This preliminary data sheet is provided to assist you in evaluating this product that is under development. Until Agilent Technologies releases this product for general sale, Agilent reserves the right to alter prices, specifications, features, capabilities, function, manufacturing release dates, and even general availability of the product at any time.
2
Electrical Characterization Information
All tests are done in 50 system at Vdd = 3.4V, 25C , unless noted otherwise.
Parameter
Cellular CDMA
Frequency Range Gain (Fixed Cntl Voltage) (Pout = 28.5 dBm) Power Added Efficiency Pout = 28.5 dBm Pout = 16 dBm Total Supply Current ACPR @ 0.885 MHz offset ACPR @ 1.98 MHz offset Quiescent Current Input VSWR (Pout = 28.5 dBm) Input VSWR (Pout = 16 dBm) Noise Figure Noise Power @ 45 MHz offset in 869 - 894 MHz Stability (Spurious): Load VSWR 5:1 Harmonic Suppression: 2Fo
Units
Min
Typ
Max
Comments
MHz
824
849
dB
26
Vcntl= 2.5V
% % mA dBc/30 kHz dBc/30 kHz mA
40 8.5 520 -48 -59 80 2.0:1 2.5:1
Vcntl= 2.5V Vcntl= 1.8V Pout = 28.5 dBm, Vcntl= 2.5V Pout 28.5 dBm Pout 28.5 dBm Pout 28.5 dBm, Vcntl= 2.5V
dB dBm/Hz dBc dBc
4.5 -141 -50 -40 All phases
AMPS
Frequency Range Gain (Pout = 31.0 dBm) Power Added Efficiency Pout = 31.0 dBm % 51 Vcntl= 2.5V MHz dB 824 26 849 Vcntl= 2.5V
ACPR Measurement Method
ACPR = Channel Power in the 1.2288 MHz band Power in a 30 kHz band @ 885 kHz away from the center of the channel
Preliminary Product Disclaimer This preliminary data sheet is provided to assist you in evaluating this product that is under development. Until Agilent Technologies releases this product for general sale, Agilent reserves the right to alter prices, specifications, features, capabilities, function, manufacturing release dates, and even general availability of the product at any time.
3
Demoboard Application Information
The demoboard has a 10-pin header to apply/measure the various DC signals associated with the Power Amplifier. Each pin has a label next to it. A description for each pin is shown in the table below.
Demoboard Pin (DC header)
Top of Demoboard Gnd Vdd1 Vdd3 Gnd Vdd2 Bottom of Demoboard Vdd1 (S) Vcntl Vdd3 (S) Gnd Vdd2 (S)
Function/Applied Signal
Ground Bias voltage, typically 3.4V Bias voltage, typically 3.4V Ground Bias voltage, typically 3.4V
Voltage sense line for Vdd1 (can be left unconnected) Control line (0V=off, 1.8V=med pwr, 2.5V=full pwr) Voltage sense line for Vdd3 (can be left unconnected) Ground Voltage sense line for Vdd2 (can be left unconnected)
Operating Instructions 1. 2. 3. 4. 5. Connect RFin and RFout Apply Gnd to demoboard Apply Vcntl = 0V Apply Vdd1, Vdd2, Vdd3 Increase Vcntl to desired value (1.8V for medium power operation or 2.5V for full power operation)
Preliminary Product Disclaimer This preliminary data sheet is provided to assist you in evaluating this product that is under development. Until Agilent Technologies releases this product for general sale, Agilent reserves the right to alter prices, specifications, features, capabilities, function, manufacturing release dates, and even general availability of the product at any time.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6271 2451 India, Australia, New Zealand: (+65) 6271 2394 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6271 2194 Malaysia, Singapore: (+65) 6271 2054 Taiwan: (+65) 6271 2654 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. February 10, 2003


▲Up To Search▲   

 
Price & Availability of ACPM-7813

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X